PART |
Description |
Maker |
ATTINY24V-10MUR ATTINY24V-10SSUR ATTINY84V-10PU AT |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 4 X 4 MM, 0.80 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220WGGD-5, MLF-20 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDSO14 0.150 INCH, GREEN, PLASTIC, MS-012AB, SOIC-14 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP14 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP64 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
Atmel, Corp. ATMEL CORP
|
PIC12F629-I_MF PIC12F629-I_P PIC12F629-I_SN PIC12F |
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP8
|
Microchip Technology
|
SAMD20J14A-MUT SAMD20G14A-MUT SAMD20E14A-MUT SAMD2 |
ARM-Based Embedded Flash Microcontroller
|
ATMEL Corporation
|
PIC16LF7X7 PIC16F737 |
CMOS Flash-based 8-bit Microcontroller
|
Microchip Technology
|
AT89C5132 AT89S5132 |
USB C51-based Microcontroller with 64K Bytes Flash
|
Atmel
|
STM32F101RDT6XXX STM32F101ZET6TR |
High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces 32-BIT, FLASH, 36 MHz, RISC MICROCONTROLLER, PQFP144
|
STMicroelectronics
|
RFPIC12F675H RFPIC12F675F RFPIC12F675 RFPIC12F675K |
20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
|
MICROCHIP[Microchip Technology] MICROCHIP
|
PIC1F628 PIC16LF628 PIC16F6B2X-04E_BP PIC16F6B2X-2 |
FLASH-Based 8-Bit CMOS Microcontroller IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,18PIN,PLASTIC
|
Microchip Technology
|
PIC18F248-E/L PIC18F448-E/L PIC18LF248-E/L PIC18LF |
28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module 8-BIT, FLASH, 25 MHz, RISC MICROCONTROLLER, PDSO28 0.300 INCH, PLASTIC, MS-013, SOIC-28 8-BIT, FLASH, 40 MHz, RISC MICROCONTROLLER, PQFP44 8-BIT, FLASH, 40 MHz, RISC MICROCONTROLLER, PDIP40
|
Microchip Technology Maxim Integrated Products, Inc.
|
PIC16F62XT-20E_SS PIC16LF62X-20_P PIC16F62X-20_SO |
FLASH-Based 8-Bit CMOS Microcontroller Code Hopping Encoder(KeeLoq 码编码器) RESISTOR,ARRAY,2.2K, 5% RES ARRAY 100 OHM 4TERM 2RES SMD BBG ECL GATE OR/NOR TRPL; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Triple 2-3-2-Input OR/NOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Enhanced FLASH/EEPROM 8-Bit Microcontroller(驱动/吸收电流高,工作电压2.0~5.5V,微控制 Enhanced FLASH 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory(带ADC转换器和EEPROM数据存储器的闪速CMOS微控制器) Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压3.0~5.5V,微控制 Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压2.5~5.5V,微控制 8-Pin, 8-Bit CMOS Enhanced FLASH Microcontroller with A/D Converter and EEPROM Data Memory(-2.5~5.5V,具ADC,闪速微控制 OTP 8-Bit CMOS Microcontroller with EEPROM Data Memory(工作电压2.5~5.5V路比较器,微控制 2K 5.0V IIC serial EEPROMs(2.5V~5.5V,2K1M次擦写周ISO7816标准) 1K 5.0V IIC serial EEPROMs(2.5V~5.5V,1K1M次擦写周ISO7816标准) 256K 5.0V SPI Bus Serial EEPROM(4.5~5.5V,256K浣?SPI?荤嚎涓茶?EEPROM)
|
Microchip Technology Inc.
|
Z8F0423HH005EC Z8F0423HH005SC Z8F0413SH005EC Z8F04 |
IC ENCORE MCU FLASH 4K 20SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO20 IC ENCORE MCU FLASH 4K 20SOIC 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO20 IC ENCORE MCU FLASH 4K 28SOIC 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 1K 20DIP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP20 IC ENCORE MCU FLASH 2K 28SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 8K 28-SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 1K 28SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28
|
ZiLOG, Inc.
|
AT90S1200-4PC AT90S1200-4PI AT90S1200-12YC AT90S12 |
8-bit Microcontroller with 1K Byte of In-System Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 位AVR微控制器具有8K字节的系统内可编程闪 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDSO20 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 12 MHz, RISC MICROCONTROLLER, PDIP20 Data and Non-volatile Program Memory
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
|